PART |
Description |
Maker |
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
SSC1118 |
1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
|
SeCoS Halbleitertechnologie GmbH
|
AP131-XXWG-7 AP131-XXWL-7 AP131-35WL-7 |
300mA LOW DROPOUT LINEAR REGULATOR WITH 1.5A Fast Ultra Low Dropout Linear Regulators 3.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5
|
Diodes Incorporated Diodes, Inc.
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
ADP3309ART-3-REEL ADP3309ART-3-REEL7 ADP3309ART-3. |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Analog IC anyCAP® 100 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator
|
TE Connectivity, Ltd. Analog Devices
|
FAN1616AD25X FAN1616AD33X FAN1616AS25X FAN1616AS5X |
0.5A Adjustable Low Dropout Linear Regulator 0.5A Adjustable/Fixed Low Dropout Linear Regulator JT 37C 37#22D SKT RECP
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FAN1585A FAN1585AM15X FAN1585AM18X FAN1585AMC15X F |
Low Dropout 3 Terminal Regulators with 5A Output Current Capability 5A Adjustable/Fixed Low Dropout Linear Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MAX6329 MAX6329WL MAX6349ZP MAX6329SH MAX6329SL MA |
1.8 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit 2.5 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.36 V DROPOUT, PDSO6 Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 1.45-W Mono Class-D Audio Amplifier with 1.8V Compatible Shutdown Voltage (TPA2006) 8-SON -40 to 85 "150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
AZ1086D-1.8E1 AZ1086D-1.5E1 AZ1086T-1.5E1 AZ1086T- |
1.5A LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 GREEN, TO-220, 3 PIN 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 GREEN, TO-263, 3 PIN 1.5A LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 GREEN, TO-263, 3 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-252, 3 PIN 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-252, 3 PIN 1.5A LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO3 1.5A LOW DROPOUT LINEAR REGULATOR
|
BCD Semiconductor Manufacturing, Ltd. BCD Semiconductor Manufacturing Limited BCD SEMICONDUCTOR MANUFACTURING LTD BCD Semiconductor Manuf...
|
APL5912 APL5912-KAC-TU APL5912-KAC-TR APL5912-KAC- |
Low IQ, Low Dropout 900mA Fixed Voltage Regulator 0.8V Reference Ultra Low Dropout (0.2V@5A) Linear Regulator
|
Anpec Electronics Coropration
|
FAN1084T FAN1084D FAN1084D33 FAN1084MC33 FAN1084T1 |
4.5A Adjustable/Fixed Low Dropout Linear Regulator 4.5A Adjustable Low Dropout Voltage Regulator (LDO) 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|